Part Number Hot Search : 
AT80C5 30DCB6BF UC843B 1071N MAX696 LR3114 CS915 NTMFS493
Product Description
Full Text Search
 

To Download BEMG-4221-P21C-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features bemg-4221/4222 energy data concentrator with 6 x usb, 4 x com/ 8 x com, 128 devices i/o interface ? serial ports bemg-4221: 2 x rs-232/485 (com1-2), 2 x rs-232/422/485 w/ 128kb fifo (com a-b) bemg-4222: 2 x rs-232/485 (com1-2), 2 x rs-232/422/485 w/ 128kb fifo (com a-b), 4 x rs-232/485 from db25 print port (com3-6) ? serial port speed 50-115.2 kbps (com 1-6 in rs-232/485 mode) 50-115.2 kbps (com a/b in rs-232 mode) 50-921.6 kbps (com a/b in rs-422/485 mode) ? lan 2 x 10/100/1000 base-t rj-45 port (built-in boot rom in fash bios) ? usb ports 6 x usb 2.0 ? audio line in, line out, mic in (5.1 channel hd audio) environment ? humidity 95% @ 40c (non-condensing) ? operating temperature iec 60068-2-2 with 100% cpu/ i/o loading -10 ~ 70c (14 ~ 158f) ? ingress protection ip40 ? shock protection iec 60068-2-27 compactflash ? : 50 g @ wall mount, half sine, 11 ms hdd: 20 g @ wall mount, half sine, 11 ms ? vibration protection iec 60068-2-64 (random 1 oct./min, 1hr/axis.) compactflash ? : 2 grms @ 5 ~ 500 hz, hdd: 1 grms @ 5 ~ 500 hz ordering information ? BEMG-4221-P21C-AE energy data concentrator, atom n450 1.67ghz, 2gb ram ? bemg-4222-p31c-ae energy data concentrator, atom d510 1.67ghz, 2gb ram accessories ? uno-fpm21-ae uno-2000 series vesa mount kit ? 968emw0021 mini pcie card for wlan ? 1700001854 sma/i-pex cable 11cm ? 1750003222 5dbi dipole antenna ? pcls-diagaw10 advantech remote monitoring & diagnosis utility ? onboard intel ? atom? n450/d510 1.67ghz processors ? 2 x 10/100/1000 base-t rj-45 port, 6 x usb 2.0 ports ? 2 x mini pcie slot with 1 x sim slot support ? isolation between chassis and power ground ? supports wide operating temperatures from -10 ~ 70c ? supports 8 x com ports (bemg-4222) ? built-in windows ? ce with webaccess energy data concentrator ? confgured through web browser ? supports various protocol drivers to communicate with different devices ? support data transfer to advantech bems specifcations general ? certifcation energy star, ce, fcc class a, ul, ccc, c-tick class a, bsmi ? dimensions (w x d x h) bemg-4221: 255 x 152 x 50 mm (10' x 6.0' x 2.0") bemg-4222: 255 x 152 x 59 mm (10' x 6.0' x 2.3") ? enclosure aluminum +secc ? mounting din-rail, wallmount, vesa ? industrial grounding isolation between chassis and power ground ? power consumption bemg-4221: 12w (typical) bemg-4222: 16w (typical) ? power requirements 9 ~ 36 v dc (e.g +24 v @ 1.5 a) (min. 36 w), atx ? power suspend mode s3, s4 ? weight 2.5 kg ? system design fanless design with no internal cabling system hardware ? cpu bemg-4221: intel ? atom? d510 dual core 1.67ghz bemg-4222: intel ? atom? n450 1.67ghz ? memory 2 gb ddr2 sdram built-in ? indicators leds for power, cf, lan (active, status), serial (tx, rx) ? keyboard/mouse 1 x ps/2 ? storage cf: 1 x front-accessible type i/ii compactflash ? slot hdd: 1 x built-in 2.5" sata hdd/ssd bracket ? display db15 vga connector bemg-4221 supports:1400 x 1050 bemg-4222 supports: up to 2048 x 1536 ? watchdog timer programmable 256 levels timer interval, from 1 to 255 sec ? printer port 1 x printer port (bemg-4222) introduction bemg-4221 and bemg-4222 are powerful data concentrators bundled with scada software - webaccess. with intel atom n450/d510 1.67ghz cpus, gigabit ethernet ports, rich i/o, and 2 x mini pcie socket. both products have energy star certifcation, ip40 anti-dust ingress protection and wide operating temperatures (-10 ~ 70c), providing high performance and high versatility with low power consumption. webaccess communicates with automation equipment used in manufacturing facilities, industrial plants and building automation systems. the software acquire, display, monitor and store real-time data and allows operators to change set-points, equipment status and other parameters in end-device. new bemg-4221 bemg-4222 4-17 8 5 4 4 10 serial communication cards 9 device servers & gateways 8 industrial ethernet 7 industrial monitors 6 automation panel pcs operator panels building automation systems 3 energy automation 2 hazardous location 1 motion control 11 embedded auto. computers 12 pacs 13 m2m i/o 14 distributed nano controllers 15 rs-485 i/o 16 automation software ethernet i/o 17 daq boards 18


▲Up To Search▲   

 
Price & Availability of BEMG-4221-P21C-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X